PART |
Description |
Maker |
MC33880 |
Configurable Octal Serial Switch with Serial Peripheral Interface I/O From old datasheet system
|
Motorola
|
MCZ33880EGR2 |
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
|
Freescale Semiconductor, Inc
|
MCZ33879 MCZ33879A |
Configurable Octal Serial Switch
|
Freescale Semiconductor
|
33879 33879A |
Configurable Octal Serial Switch with Open Load Detect Current Disable
|
飞思卡尔半导体(中国)有限公司
|
MAX521ACAG |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs OCTAL, SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24
|
Maxim Integrated Products, Inc.
|
MC74LVXC3245DWR2 MC74LVXC3245DWR2G MC74LVXC3245DTR |
Configurable Dual Supply Octal Transceiver
|
ONSEMI[ON Semiconductor]
|
PMC520 PMC520-64 PMC520-64E PMC520-64R PMC520-64RE |
PMC520 Octal Serial 232 Communication PMC520 Octal Serial 232 Communication PMC520八路232串行通信 10 SEGMENT BAR GRAPH ORANGE-RED LED DISPLAY PMC520八路232串行通信
|
PMC[PMC-Sierra Inc] PMC-Sierra, Inc.
|
M95128-MW6TG M95256-DW3G/A M95256-DW3G/V M95256-MW |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 32K X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-PDIP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-SSOP -40 to 85 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 RECTIFIER SCHOTTKY SINGLE 10A 40V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit128Kbit的EEPROM串行SPI总线高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit28Kbit的EEPROM串行SPI总线高速时 RECTIFIER SCHOTTKY DUAL 16A 50V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 Replaced by SN74ABT245B : Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 RES 1.5K-OHM 1% 0.125W 100PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA RES 6.20K OHM 1/4W 1% 1206 SMD VARISTOR 150V RMS 4032 SMD Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 256 Kbit Serial SPI bus EEPROM with high speed clock 256Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
MC33298DW MC33298P MC33298 ON1020 |
OCTAL SERIAL SWITCH (SPI Input/Output) OCTAL SERIAL SWITCH (SPI Input/Output) From old datasheet system
|
Motorola, Inc ON Semi
|
MAX1434 |
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs From old datasheet system
|
Maxim Integrated Products
|
AD7809 AD7809BST AD7808 AD7808BN AD7808BR AD7805 A |
3.3 V to 5 V Octal 10-Bit Serial Loading DAC 3.3 V to 5 V Quad/Octal 10-Bit DACs 3.3 V to 5 V Quad 10-Bit Serial Loading DAC 3.3 V to 5 V Octal 10-Bit Parallel Loading DAC
|
AD[Analog Devices]
|